Part Number Hot Search : 
89C51RD2 UF4001 STTH208U 1062254 111H601C 1N1082 BL55080 ZM4739A
Product Description
Full Text Search
 

To Download NMF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  37 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com NMF series emi 3-terminal chip capacitors size part number capacitance (pf) tolerance rated voltage (vdc) rated current (ma) insulation resistance (m ? ) dc resistance ( ? ) temperature range (c) thickness (mm) 0603 NMF0603x7r102s25strf 1,000 +50%/-20% 25 300 1,000 0.3 -55 ~ +125 0.75 NMF0603x7r222s25strf 2,200 +50%/-20% 25 300 1,000 0.3 -55 ~ +125 0.75 NMF0603x7r103s25strf 10,000 +50%/-20% 25 1,000 1,000 0.3 -55 ~ +125 0.75 NMF0603x7r223s25strf 22,000 +50%/-20% 25 1,000 1,000 0.3 -55 ~ +125 0.75 NMF0603x7r473s25strf 47,000 +50%/-20% 25 1,000 1,000 0.3 -55 ~ +125 0.75 0805 NMF0805x7r471s50strf 470 +50%/-20% 50 300 10,000 0.3 -55 ~ +125 1.00 NMF0805x7r102s50strf 1,000 +50%/-20% 50 300 10,000 0.3 -55 ~ +125 1.00 NMF0805x7r222s50strf 2,200 +50%/-20% 50 300 10,000 0.3 -55 ~ +125 1.00 NMF0805x7r103s50strf 10,000 +50%/-20% 50 1,000 10,000 0.3 -55 ~ +125 1.00 NMF0805x7r223s50strf 22,000 +50%/-20% 50 1,000 10,000 0.08 -55 ~ +125 1.00 NMF0805x7r104s25strf 100,000 +50%/-20% 25 1,000 1,000 0.1 -55 ~ +125 1.00 1206 NMF1206x7r471s50strf 470 +50%/-20% 50 300 1,000 0.3 -55 ~ +125 1.05 NMF1206x7r102s50strf 1,000 +50%/-20% 50 300 1,000 0.3 -55 ~ +125 1.05 NMF1206x7r222s50strf 2,200 +50%/-20% 50 300 1,000 0.3 -55 ~ +125 1.05 NMF1206x7r472s50strf 4,700 +50%/-20% 50 300 1,000 0.3 -55 ~ +125 1.05 NMF1206x7r103s50strf 10,000 +50%/-20% 50 1,000 1,000 0.3 -55 ~ +125 1.05 NMF1206x7r223s50strf 22,000 +50%/-20% 50 1,000 1,000 0.3 -55 ~ +125 1.05 NMF1206x7r473s50strf 47,000 +50%/-20% 50 1,000 1,000 0.3 -55 ~ +125 1.05 NMF1206x7r104s25strf 100,000 +50%/-20% 25 1,000 1,000 0.1 -55 ~ +125 1.05 size part number capacitance (pf) tolerance rated voltage (vdc) rated current (ma) insulation resistance (m ? ) dc resistance ( ? ) temperature range (c) thickness (mm) 0603 NMF0603x7r104m16ptrf 100,000 20% 16 2,000 1,000 0.1 -55 ~ +125 0.75 NMF0603x5r105m10ptrf 1,000,000 20% 10 2,000 1,000 0.05 -55 ~ +85 0.75 NMF0603x5r225m10ptrf 2,200,000 20% 10 2,000 1,000 0.05 -55 ~ +85 0.75 0805 NMF0805x7r332s50ptrf 3,300 +50%/-20% 50 2,000 10,000 0.06 -55 ~ +125 1.20 NMF0805y5v104s25ptrf 100,000 +50%/-20% 25 2,000 1,000 0.05 -40 ~ +85 1.00 NMF0805x5r105m10ptrf 1,000,000 20% 10 4,000 500 0.02 -55 ~ +85 1.20 NMF0805y5v105z16ptrf 1,000,000 +80%/-20% 16 3,000 500 0.04 -40 ~ +85 1.20 NMF0805x5r475m10ptrf 4,700,000 20% 10 4,000 500 0.05 -55 ~ +85 1.00 NMF0805x5r106m6.3ptrf 10,000,000 20% 6.3 4,000 500 0.05 -55 ~ +85 1.00 NMF 0603 x7r 222 s 25 s tr f rohs compliant tape & reel application: p=power line, s=signal line voltage (vdc) capacitance tolerance code: m=20%, s=+50%/-20%, z= +80%/-20% capacitance code: expressed in pf, ? rst 2 digits are signi? cant, 3rd digit is no. of zeros temperature characteristic case size series part number system features ? low esl characteristics  excellent noise suppression over broad frequency range  available in eia 0603, 0805 and 1206 case sizes  high capacitance and current ratings for dc power line signal line type standard case sizes and values rohs compliant includes all homogeneous materials *see part number system for details power line type standard case sizes and values
38 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com NMF series series l w t a b c NMF0603 1.6 0.15 0.8 0.1 0.6 0.15 0.25 0.15 0.5 0.15 0.2 0.1 NMF0805 2.0 0.2 1.25 0.2 0.80 0.2 0.3 0.20 0.6 0.2 0.2 0.1 1.0 0.2 NMF1206 3.2 0.2 1.6 0.2 0.85 0.2 0.4 0.3 1.0 0.3 0.3 0.1 in out gnd in out gnd l l t l w a b c emi 3-terminal chip capacitors termination finish: sn base terminaiton: cu or ag middle termination: ni case dimensions (mm) equivalent circuit construction
39 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com NMF series type a o b o w f e p1 p2 p0 d0 t max. reel qty 0603 1.1 0.2 1.9 0.2 8.0 0.2 3.5 0.05 1.75 0.1 4.0 0.1 2.0 0.05 4.0 0.1 1.5 +0.1 0.85 4,000 0805 1.45 0.2 2.4 0.2 1.05 4,000 1206 2.0 0.2 3.6 0.2 1.05 3,000 t d p o w f a o p1 component pitch b o e p 2 cardboard carrier tape cardboard carrier tape dimensions (mm) emi 3-terminal chip capacitors recommended reflow profile +260 c peak temperature 10 seconds max. 50 100 150 200 250 300 time temperature - deg. c pre-heat 150c ~ 180c 120 sec. max. 25 0 cool down time above 220c 50 sec. max. ramp-up 25c ~ 150c 60 sec. min. ? t 150c max. 2.2 1.0 0.4 0.6 0.4 0603 land pattern dimensions (mm) 2.6 1.4 0.8 0.6 small dia. thru hole 0.4 ~ 0.6 0805 land pattern dimensions (mm) top side ground pattern connect to ground pattern of mounting side bottom side 5.0 2.4 1.0 1.2 1.0 1206 land pattern dimensions (mm) 0.8 small dia. thru hole 0.5
40 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com embossed plastic carrier tape dimensions (mm) embossed plastic carrier tape t d p o w f a o p b o e p 2 type chip thickness a o b o w f e p1 p2 p0 d0 t max. reel qty 0603 1.0 1.5 0.2 2.3 0.2 8.0 0.2 3.5 0.05 1.75 0.1 4.0 0.1 2.0 0.1 4.0 0.1 1.5 +0.1 2.0 3,000 0805 1.2 2,000 b c e d w a reel dimensions (mm) ab c d e w 180 2.0 50 min. 13.0 0.5 21.0 0.8 2.0 0.5 10 1.5 NMF series emi 3-terminal chip capacitors


▲Up To Search▲   

 
Price & Availability of NMF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X